PART |
Description |
Maker |
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
TGS2306-EPU |
High Power DC - 18GHz SPDT FET Switch
|
TriQuint Semiconductor,Inc.
|
AWS5504 AWS5504_REV_2.1 AWS5504S14 |
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH From old datasheet system Switches The AWS5504 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-6 plastic package.
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
E33-50K E23-90N |
SWITCH ROLLER SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 30VDC, 5.34mm, PANEL MOUNT SWITCH ROLLER SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.34mm, PANEL MOUNT
|
ZF Electronics, Corp.
|
ADG819BRMZ ADG819BRM-R2 ADG820BRT |
0.5 O CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with BBM Switching Action 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
PE4245G-06DFN PE424508 4245-00 4245-51 PE4245-06DF |
SPDT UltraCMOS垄芒 RF Switch SPDT UltraCMOS RF Switch
|
Peregrine Semiconductor Corp.
|
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
PE4237 PE4237-EK 4237 4237-00 4237-01 4237-02 4237 |
SPDT UltraCMOS?/a> RF Switch DC - 4000 MHz SPDT UltraCMOSRF Switch DC - 4000 MHz SPDT UltraCMOS⑩ RF Switch DC - 4000 MHz SPDT UltraCMOS RF Switch DC - 4000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|